Part Number Hot Search : 
CJ3406 EPM2210G D2579 LN364GCP 1N2628 DS1315 2SA2168 MAX4374
Product Description
Full Text Search
 

To Download LPE-6562 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model LPE-6562
Vishay Dale
Transformers/Inductors
Surface Mount, Gapped and Ungapped Custom Configurations Available
ELECTRICAL SPECIFICATIONS (Multiple winds are connected in parallel)
Inductance Range: 10H to 330000H, measured at 0.10V RMS @ 10kHz without DC current, using an HP 4263A or HP 4284A impedance analyzer. DC Resistance Range: 0.03 ohm to 53.7 ohm, measured at + 25C 5C. Operating Temperature: - 20C to + 80C. Rated Current Range: 3.00 amps to .06 amps. Dielectric Withstanding Voltage: 500V RMS, 60Hz, 5 seconds.
STANDARD ELECTRICAL SPECIFICATIONS
INDUCTANCE MODEL Ungapped Models LPE-6562-221NA LPE-6562-331NA LPE-6562-471NA LPE-6562-681NA LPE-6562-102NA LPE-6562-152NA LPE-6562-222NA LPE-6562-332NA LPE-6562-472NA LPE-6562-682NA LPE-6562-103NA LPE-6562-153NA LPE-6562-223NA LPE-6562-333NA LPE-6562-473NA LPE-6562-683NA LPE-6562-104NA LPE-6562-154NA LPE-6562-224NA LPE-6562-334NA Gapped Models LPE-6562-100MB LPE-6562-150MB LPE-6562-220MB LPE-6562-330MB LPE-6562-470MB LPE-6562-680MB LPE-6562-101MB LPE-6562-151MB LPE-6562-221MB LPE-6562-331MB LPE-6562-471MB LPE-6562-681MB LPE-6562-102MB LPE-6562-152MB LPE-6562-222MB LPE-6562-332MB LPE-6562-472MB 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% B B B B D C D E E E E E E E E E E 0.03 0.04 0.05 0.08 0.12 0.19 0.29 0.45 0.54 0.84 1.24 1.89 2.91 4.50 6.90 10.4 15.7 3.09 2.79 2.26 1.81 1.48 1.20 .98 .78 .71 .57 .47 .38 .31 .25 .20 .16 .13 5.055 4.160 3.460 2.840 2.390 1.990 1.650 1.350 1.115 .912 .765 .637 .526 .430 .355 .290 .243 220 330 470 680 1000 1500 2200 3300 4700 6800 10000 15000 22000 33000 47000 68000 100000 150000 220000 330000 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% A A A A A A A A A A A A A A A A A A A A 0.28 0.34 0.40 0.48 0.59 0.72 0.87 1.07 1.27 1.53 1.86 2.27 8.67 10.6 12.7 15.2 18.5 37.7 45.6 53.7 .90 .81 .74 .67 .61 .55 .50 .45 .41 .38 .34 .31 .16 .14 .13 .12 .11 .08 .07 .06 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A
(H)
INDUCTANCE TOLERANCE
SCHEMATIC LETTER
DCR MAX.
(Ohms)
MAX. RATED* DC CURRENT
(Amps)
SATURATING** CURRENT
(Amps)
*DC current that will create a maximum temperature rise of 30C when applied at + 25C ambient. **DC current that will typically reduce the initial inductance by 20%. UNGAPPED MODELS: Highest possible inductance with the lowest DCR and highest Q capability. Beneficial in filter, impedance matching and line coupling devices. GAPPED MODELS: Capable of handling large amounts of DC current, tighter inductance tolerance with better temperature stability than ungapped models. Beneficial in DC to DC converters or other circuits carrying DC currents or requiring inductance stability over a temperature range.
www.vishay.com 74
Document Number 34066 Revision 27-Apr-99
Model LPE-6562
Vishay Dale
DIMENSIONAL CONFIGURATIONS [Numbers in brackets indicate millimeters]
Pad Layout
0.058 [1.47] Pad Dimensions Typical, 10 places 0.100 [2.54] 0.058 [1.47] 0.545 [13.84] 0.603 [15.32] Reference Only Typical 4 places 10 1 6 5 .606 [15.39] Max. .335 [8.51] Max. .695 [17.65] Max.
Dimensional Outline
.100 [2.54] Typ. .575 [14.60] .028 [.71]
.028 [.71] Foot print Diagram
NOTE: Pad layout guidelines per MIL-STD-275E (printed wiring for electronic equipment). Tolerances: xx .01" [ 0.25mm]. xxx .005" [ 0.12mm].
SCHEMATICS (Top View)
Schematic A
6 7 8 9 10 5 4 3 2 1 6 7 8 9 10
Schematic B
5 4 3 2 1 6 7 8 9 10
Schematic C
5 4 3 2 1 6 7 8 9 10
Schematic D
5 4 3 2 1 6 7 8 9 10
Schematic E
5 4 3 2 1
NOTE: Schematic A is for Ungapped LPE Series.
ENVIRONMENTAL PERFORMANCE
TEST Thermal Cycling High Temperature High Humidity Soldering Heat Mechanical Shock Vibration Solderability CONDITIONS Withstands - 55C to +125C + 85C 85% Tested to + 230C Per MIL-STD-202, Method 214 (100G) Per MIL-STD-202, Method 204 (20G) Per industry standards
PART MARKING
-- Vishay Dale -- Date code -- Marking code (Suffix of model #) -- Pin 1 indicator
HOW TO ORDER - LPE-6562-102NA
LPE MODEL 6562 SIZE 1000H INDUCTANCE VALUE
30%
INDUCTANCE TOLERANCE
A CORE
PACKAGING TAPE SPECIFICATIONS: Carrier Tape Type: Conductive. Cover Tape Type: Anti-static. Cover Tape Adhesion to Carrier: 40 30 grams. REEL SPECIFICATIONS: Diameter (flange): 13" [330.2mm]. Maximum Width (over flanges): 1.197" [30.4mm]. STANDARDS: All embossed carrier tape packaging will be accomplished in compliance with latest revision of EIA-481 "Taping of Surface Mount Components for Automatic Placement".
MODEL LPE-6562 TAPE WIDTH 32mm COMPONENT PITCH 20mm UNITS PER 13 INCH REEL 300
Tape and Reel Orientation
Pin 1 Indicator Cover Tape Carrier Tape Label Area Embossed Cavity
USER DIRECTION OF FEED
NOTE: Top view shown with cover tape removed.
Document Number 34066 Revision 27-Apr-99
www.vishay.com 75


▲Up To Search▲   

 
Price & Availability of LPE-6562

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X